|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features Non-destructive testing of all standard telecom protectors User-friendly operation with automatic power-on, test initiation and rest Long-life lithium batteries Lightweight, hand-held unit for C.O. or O.S.P. use Optional A.C. power adapter Optional C.O. rack mounting kit Heavy duty, spring loaded 5-pin sockets rated for 1,000,000 operations 4020-01 - Surge Protector Test Set for Telecom Description Bourns(R) 4020-01 Surge Protector Test Set is a hand-held, battery-operated tester designed to test industry standard 5-pin modules and station protectors. 5-pin modules may be tested for breakdown, insulation leakage, heat coil resistance and bridge-lifter operation. Station protectors can be tested for breakdown and insulation resistance. The 4020-01 will test standard carbon, gas tube and solid-state protectors as well as silicon avalanche diode and metal oxide varistor devices. Operation Inserting a 5-pin module into one of the blue-coded sockets automatically tests the module for breakdown voltage, insulation leakage and 4-style heat coil resistance. Test values are maintained on integral LCD meters until the module is removed. Separate blue-coded sockets are provided for testing tip and ring. Inserting a 5-pin module into one of the orange-coded sockets automatically tests for proper operation of the special bridgelifter circuitry found in standard orange protector modules. Green and red LEDs indicating pass or fail remain lit until the module is removed. Separate orange-coded sockets are provided for testing tip and ring. Banana jacks and test leads are provided for testing station protectors. Pushing the test button automatically performs the breakdown voltage and insulation leakage tests. The test values are maintained until the test button is released. Specifications GENERAL Power Source ........................................................................................... 3 NEMA 5024 lithium batteries or external 18 VDC Battery Life .......................................................................................................................................................... >10,000 tests Accuracy ............................................................................................................................................................. 1 % 1 count Operating Temperature .......................................................................................................................................... 0 to +50 C Shipping Weight ............................................................................................................................................................... 3 lbs. DCBD TEST (See notes 1 & 2) Voltage Rate of Rise ................................................................................................ 2000 V/s or 200 V/ms internally selected Test Current .......................................................................................................................................................... 1 mA 10 % Voltage Range ..................................................................................................................................................... 0 to 900 volts LEAKAGE TEST (See note 2) Voltage Rate of Rise ........................................................................................................................................... 0 to 900 volts Test Current ..................................................................................................................................................................... 20 A Voltage Range ............................................................................................................................................................. 2000 V/s HEAT COIL RESISTANCE TEST Resistance Range ........................................................................................................................................... 0 to 199.9 ohms Storage Temperature .......................................................................................................................................... -10 to +60C BRIDGE LIFTER TEST Test for ON State ....................................................................................................................................... 20 mA and 15 volts Test for OFF State .......................................................................................................................................... 1 mA and 5 volts Notes: 1. 3-mil carbon blocks - and to a lesser extent, closely spaced gas discharge tubes, can occasionally develop a filament between the electrodes. On these protectors, a separate burn-out operation is recommended to clear the protector when low breakdown voltage and/or leakage voltage are indicated. 2. For P-type solid-state protectors, breakover voltage V BO occurs at the device zener voltage VZ. Therefore the tester will measure actual VBO. For N-type solid state protectors, V BO is higher than VZ and in these cases, the tester will measure VZ. REV. B Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 4020-01 - Surge Protector Test Set for Telecom Product Dimensions DIMENSIONS = MILLIMETERS (INCHES) 196.85 (7.75) BREAKDOWN DC Breakdown or Clamping Voltage at 1mA BREAKDOWN V LEAKAGE HEAT COIL Tip Ring Tip Ring BRIDGE LIFTER LEAKAGE Peak Voltage for 20uA Leakage to Ground V Pos Neg Pass Fail 133.35 (5.25) BREAKDOWN and LEAKAGE for Station Protectors HEAT COIL Series Heat Coil Resistance in Ohms TEST + - High Voltage Output SURGE PROTECTOR TEST SET 226.06 (8.90) 246.38 (9.70) 63.50 (2.50) How To Order Part No. Description 4020-01 .......... Test Set with Red & Black Leads Available Separately: 4020-00-A ...... A.C. Power Adapter 4020-00-C ...... Rack Mount Kit for C.O. Reliable Electronic Solutions Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 FAX +41-41 7685510 North America: TEL +1-909 781-5500 FAX +1-909 781-5700 bourns.com Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Price & Availability of 4020-00-C |